Part Number Hot Search : 
SFS9540 5KE18 BZX84C10 L7407 BYP60A5 MAX326 BA09C 14124
Product Description
Full Text Search
 

To Download UCJ1A101MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.3 8.7 8 10 10 10 10 10 95 250 400 400 - 6.0 4.5 4.5 14 2.0 1.5 1.5 6.3 8.7 8 10 10 10 10 10 95 250 400 400 - 6.0 4.5 4.5 14 2.0 1.5 1.5 6.3 8.7 6.3 8.7 6.3 8.7 8 10 10 10 10 10 95 95 95 250 400 400 - - - 6.0 4.5 4.5 14 14 14 2.0 1.5 1.5 6.3 8.7 6.3 8.7 6.3 8.7 6.3 8.7 10 10 10 10 95 95 95 95 400 400 - - - - 4.5 4.5 14 14 14 14 1.5 1.5 6.3 8.7 6.3 8.7 8 10 10 10 10 10 95 95 200 330 330 - - 6.0 4.5 4.5 14 14 2.0 1.5 1.5 frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.35 0.50 0.64 0.83 1.00 series capacitance voltage( c : 16v ) lot no. lot no. plastic platform 0.3max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e h h positive negative plastic platform 0.3max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e positive negative u 1 c 2 j 3 1 4 a 5 1 6 0 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration taping code capacitance tolerance ( 20%) rated capacitance ( 100f ) rated voltage ( 10v ) series name type l 0.3 l 0.5 6.3 8.7 d l a b c e 2.4 6.6 6.6 2.2 8 10 2.9 8.3 8.3 3.1 10 10 3.2 10.3 10.3 4.5 l 8.7 10 10 h 0.5 to 0.8 0.8 to 1.1 0.8 to 1.1 (mm) series capacitance trade mark voltage( v : 35v ) a2 100v cj a2 47c cj code a v 10 c 16 e 25 v 35 h 50 rated voltage cj series chip type, high reliability. low temperature esr specification. chip type, high temperature range, for +125 c use. added esr specification after the test at 40 c ( 6.3 sizes provide only for the first stage. ) applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2011/65/eu). chip type ( 6.3) ( 8 to 10) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 40 to +125c 10 to 50v 10 to 470f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4(a) , whichever is greater. black print on the case top. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 125 c. after storing the capacitors under no load at 125c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 10 12 16 8 25 6 35 4 50 4 cj type numbering system (example : 10v 100 f) the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20 c. max. esr ( ? ) at -40c 100khz, rated ripple current (marms) at 125 c 100khz dimensions 10 22 33 47 100 220 330 470 100 220 330 470 101 221 331 471 1a 1c 1e 1v 1h 10 16 25 35 50 v code cap.(f) rated voltage (v) tan (max.) 10 0.32 16 0.24 25 0.21 35 0.18 50 0.18 measurement frequency : 120hz at 20 c capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value capacitance change leakage current tan within 30% of the initial capacitance value less than or equal to the initial specified value 300% or less than the intial specified value aluminum electrolytic capacitors added esr specification at 40 c taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please refer to page 3 for the minimum order quantity. rated ripple initial esr after endurance test ub case size d l (mm) cz l ow esr long life cat.8100c


▲Up To Search▲   

 
Price & Availability of UCJ1A101MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X